Part Number Hot Search : 
480515T SST440 ZHCS750 BC1602K1 2SC2706 SST440 UPC554 LF441C
Product Description
Full Text Search
 

To Download BUK7619-100B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BUK7619-100B
N-channel TrenchMOS standard level FET
Rev. 01 -- 10 October 2007 Product data sheet
1. Product profile
1.1 General description
N-channel enhancement mode power Field-Effect Transistor (FET) in a plastic package using NXP High Performance Automotive (HPA) TrenchMOS technology.
1.2 Features
I TrenchMOS technology I 175 C rated I Q101 compliant I Standard level compatible
1.3 Applications
I Automotive systems I Motors, lamps and solenoids I General purpose power switching I 12 V, 24 V and 42 V loads.
1.4 Quick reference data
I EDS(AL)S 222 mJ I ID 64 A I RDSon = 17 m (typ) I Ptot 200 W
2. Pinning information
Table 1. Pin 1 2 3 mb Pinning Description gate (G) drain (D) source (S) mounting base; connected to drain (D)
mbb076
Simplified outline
mb
Symbol
D
G S
2 1 3
SOT404 (D2PAK)
NXP Semiconductors
BUK7619-100B
N-channel TrenchMOS standard level FET
3. Ordering information
Table 2. Ordering information Package Name BUK7619-100B D2PAK Description plastic single-ended surface-mounted package (D2PAK); 3-leads (one lead cropped) Version SOT404 Type number
4. Limiting values
Table 3. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol VDS VDGR VGS ID IDM Ptot Tstg Tj IDR IDRM EDS(AL)S Parameter drain-source voltage drain-gate voltage (DC) gate-source voltage drain current peak drain current total power dissipation storage temperature junction temperature reverse drain current peak reverse drain current Tmb = 25 C Tmb = 25 C; pulsed; tp 10 s Tsp = 25 C; VGS = 10 V; see Figure 2 and 3 Tsp = 100 C; VGS = 10 V; see Figure 2 Tmb = 25 C; pulsed; tp 10 s; see Figure 3 Tmb = 25 C; see Figure 1 RGS = 20 k Conditions Min Max 100 100 20 64 45 256 200 Unit V V V A A A W
-55 +175 C -55 +175 C 64 256 222 A A mJ
Source-drain diode
Avalanche ruggedness non-repetitive drain-source avalanche unclamped inductive load; ID = 64 A; energy VDS 100 V; RGS = 50 ; VGS = 10 V; starting at Tj = 25 C repetitive drain-source avalanche energy
[1]
EDS(AL)R
-
-
mJ
[1]
Conditions: a) Maximum value not quoted. Repetitive rating defined in Figure 16. b) Single-pulse avalanche rating limited by Tj(max) of 175 C. c) Repetitive avalanche rating limited by an average junction temperature of 170 C. d) Refer to application note AN10273 for further information.
BUK7619-100B_1
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 -- 10 October 2007
2 of 12
NXP Semiconductors
BUK7619-100B
N-channel TrenchMOS standard level FET
120 Pder (%) 80
03na19
80 ID (A) 60
003aab142
40
40
20
0 0 50 100 150 Tmb (C) 200
0 0 50 100 150 Tmb (C) 200
P tot P der = ----------------------- x 100 % P tot ( 25C ) Fig 1. Normalized total power dissipation as a function of mounting base temperature
103 ID (A) 102 Limit RDSon = VDS / ID
VGS 10 V
Fig 2. Continuous drain current as a function of mounting base temperature
003aab143
tp = 10 s 100 s
10 DC 1
1 ms 10 ms 100 ms
10-1 1 10
102
VDS (V)
103
Tmb = 25 C; IDM is single pulse.
Fig 3. Safe operating area; continuous and peak drain currents as a function of drain-source voltage
BUK7619-100B_1
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 -- 10 October 2007
3 of 12
NXP Semiconductors
BUK7619-100B
N-channel TrenchMOS standard level FET
5. Thermal characteristics
Table 4. Symbol Rth(j-mb) Rth(j-a) Thermal characteristics Parameter thermal resistance from junction to mounting base thermal resistance from junction mounted on a printed-circuit board; to ambient minimum footprint Conditions Min Typ 50 Max 0.74 Unit K/W K/W
1 Zth (j-mb) (K/W) = 0.5 0.2 10-1 0.1 0.05 10-2 0.02
P
003aab144
=
tp T
single shot
tp T t
10-3 10-6
10-5
10-4
10-3
10-2
10-1
tp (s)
1
Fig 4. Transient thermal impedance from junction to mounting base as a function of pulse duration
BUK7619-100B_1
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 -- 10 October 2007
4 of 12
NXP Semiconductors
BUK7619-100B
N-channel TrenchMOS standard level FET
6. Characteristics
Table 5. Characteristics Tj = 25 C unless otherwise specified. Symbol V(BR)DSS Parameter Conditions Min Typ Max Unit Static characteristics drain-source breakdown voltage ID = 250 A; VGS = 0 V Tj = 25 C Tj = -55 C VGS(th) gate-source threshold voltage ID = 1 mA; VDS = VGS; see Figure 9 and10 Tj = 25 C Tj = 175 C Tj = -55 C IDSS drain leakage current VDS = 100 V; VGS = 0 V Tj = 25 C Tj = 175 C IGSS RDSon gate leakage current VGS = 20 V; VDS = 0 V Tj = 25 C Tj = 175 C Dynamic characteristics QG(tot) QGS QGD Ciss Coss Crss td(on) tr td(off) tf VSD trr Qr total gate charge gate-source charge gate-drain charge input capacitance output capacitance reverse transfer capacitance turn-on delay time rise time turn-off delay time fall time source-drain voltage reverse recovery time recovered charge IS = 25 A; VGS = 0 V; see Figure 15 IS = 20 A; dIS/dt = -100 A/s; VGS = 0 V; VR = 30 V VDS = 30 V; RL = 1.2 ; VGS = 10 V; RG = 10 VGS = 0 V; VDS = 25 V; f = 1 MHz; see Figure 12 ID = 25 A; VDD = 80 V; VGS = 10 V; see Figure 14 53 11 27 2555 340 84 19 45 85 34 0.85 116 130 3400 480 115 1.2 nC nC nC pF pF pF ns ns ns ns V ns nC drain-source on-state resistance VGS = 10 V; ID = 25 A; see Figure 7 and 8 17 19 49 m m 0.02 2 1 500 100 A A nA 2 1 3 4 4.4 V V V 100 89 V V
Source-drain diode
BUK7619-100B_1
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 -- 10 October 2007
5 of 12
NXP Semiconductors
BUK7619-100B
N-channel TrenchMOS standard level FET
200 ID (A) 150 10
003aac043
30 RDSon (m) 25
003aac044
VGS (V) = 20V 15 8 7
100
6 5.5
20
50 5 4.5 0 0 2 4 6 8 10 VDS (V)
15
10 0 5 10 15 VGS (V) 20
Tj = 25 C
Tj = 25 C; ID = 10 A
Fig 5. Output characteristics: drain current as a function of drain-source voltage; typical values
003aac045
Fig 6. Drain-source on-state resistance as a function of gate-source voltage; typical values
2.8 a
03ng41
50 RDSon (m) 40 VGS (V) = 5
5.5
6
6.5
8
2.1
10
30 20
1.4
20
0.7
10
0 0 40 80 120 160 ID (A) 200
0 -60
0
60
120
Tj (C)
180
Tj = 25 C
R DSon a = ----------------------------R DSon ( 25C ) Fig 8. Normalized drain-source on-state resistance factor as a function of junction temperature
Fig 7. Drain-source on-state resistance as a function of drain current; typical values
BUK7619-100B_1
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 -- 10 October 2007
6 of 12
NXP Semiconductors
BUK7619-100B
N-channel TrenchMOS standard level FET
5 VGS(th) (V) 4 max
03aa32
10-1 ID (A) 10-2 min typ max
03aa35
3
typ
10-3
2
min
10-4
1
10-5
0 -60
0
60
120 Tj (C)
180
10-6 0 2 4 VGS (V) 6
ID = 1 mA; VDS = VGS
Tj = 25 C; VDS = VGS
Fig 9. Gate-source threshold voltage as a function of junction temperature
80 gfs (S) 60
003aac039
Fig 10. Sub-threshold drain current as a function of gate-source voltage
4000 C (pF) Ciss 3000
003aac038
40
2000
Coss
20
1000 Crss
0 0 20 40 ID (A) 60
0 10-1
1
10
VDS (V)
102
Tj = 25 C; VDS = 25 V
VGS = 0 V; f = 1 MHz
Fig 11. Forward transconductance as a function of drain current; typical values
Fig 12. Input, output and reverse transfer capacitances as a function of drain-source voltage; typical values
BUK7619-100B_1
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 -- 10 October 2007
7 of 12
NXP Semiconductors
BUK7619-100B
N-channel TrenchMOS standard level FET
100 ID (A) 80
003aac040
10 VGS (V) 8 VDS (V) = 14
003aac041
60
6 VDS (V) = 80
40
4
20
Tj = 175 C Tj = 25 C
2
0 0 2 4 VGS (V) 6
0 0 20 40 QG (nC) 60
VDS = 25 V
Tj = 25 C; ID = 25 A
Fig 13. Transfer characteristics: drain current as a function of gate-source voltage; typical values
100 IS (A) 75
003aac042
Fig 14. Gate-source voltage as a function of gate charge; typical values
102
(1)
003aab145
IAL (A)
50
10
(2)
25
Tj = 175 C Tj = 25 C
(3)
0 0.0
0.5
1.0
VSD (V)
1.5
1 10-3
10-2
10-1
1
tAL (ms)
10
VGS = 0 V
See Table note 1 of Table 3 Limiting values. (1) Single-pulse; Tj = 25 C. (2) Single-pulse; Tj = 125 C. (3) Repetitive.
Fig 15. Source (diode forward) current as a function of source-drain (diode forward) voltage; typical values
Fig 16. Single-pulse and repetitive avalanche rating; avalanche current as a function of avalanche time
BUK7619-100B_1
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 -- 10 October 2007
8 of 12
NXP Semiconductors
BUK7619-100B
N-channel TrenchMOS standard level FET
7. Package outline
Plastic single-ended surface-mounted package (D2PAK); 3 leads (one lead cropped)
SOT404
A E A1 mounting base
D1
D
HD
2
Lp
1
3
b c Q
e
e
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 4.50 4.10 A1 1.40 1.27 b 0.85 0.60 c 0.64 0.46 D max. 11 D1 1.60 1.20 E 10.30 9.70 e 2.54 Lp 2.90 2.10 HD 15.80 14.80 Q 2.60 2.20
OUTLINE VERSION SOT404
REFERENCES IEC JEDEC JEITA
EUROPEAN PROJECTION
ISSUE DATE 05-02-11 06-03-16
Fig 17. Package outline SOT404 (D2PAK)
BUK7619-100B_1 (c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 -- 10 October 2007
9 of 12
NXP Semiconductors
BUK7619-100B
N-channel TrenchMOS standard level FET
8. Soldering
10.85 10.60 10.50 1.50 7.50 7.40 1.70
2.25 2.15
8.15
8.35
8.275 1.50
4.60
0.30 4.85
5.40 8.075
7.95
3.00
0.20
solder lands solder resist occupied area solder paste 5.08
1.20 1.30 1.55
msd057
Fig 18. Reflow soldering footprint for SOT404
9. Revision history
Table 6. Revision history Release date 20071010 Data sheet status Product data sheet Change notice Supersedes Document ID BUK7619-100B_1
BUK7619-100B_1
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 -- 10 October 2007
10 of 12
NXP Semiconductors
BUK7619-100B
N-channel TrenchMOS standard level FET
10. Legal information
10.1 Data sheet status
Document status[1][2] Objective [short] data sheet Preliminary [short] data sheet Product [short] data sheet
[1] [2] [3]
Product status[3] Development Qualification Production
Definition This document contains data from the objective specification for product development. This document contains data from the preliminary specification. This document contains the product specification.
Please consult the most recently issued document before initiating or completing a design. The term `short data sheet' is explained in section "Definitions". The product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. The latest product status information is available on the Internet at URL http://www.nxp.com.
10.2 Definitions
Draft -- The document is a draft version only. The content is still under internal review and subject to formal approval, which may result in modifications or additions. NXP Semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. Short data sheet -- A short data sheet is an extract from a full data sheet with the same product type number(s) and title. A short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. For detailed and full information see the relevant full data sheet, which is available on request via the local NXP Semiconductors sales office. In case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail.
result in personal injury, death or severe property or environmental damage. NXP Semiconductors accepts no liability for inclusion and/or use of NXP Semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk. Applications -- Applications that are described herein for any of these products are for illustrative purposes only. NXP Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Limiting values -- Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of IEC 60134) may cause permanent damage to the device. Limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the Characteristics sections of this document is not implied. Exposure to limiting values for extended periods may affect device reliability. Terms and conditions of sale -- NXP Semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms, including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by NXP Semiconductors. In case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. No offer to sell or license -- Nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights.
10.3 Disclaimers
General -- Information in this document is believed to be accurate and reliable. However, NXP Semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. Right to make changes -- NXP Semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof. Suitability for use -- NXP Semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of a NXP Semiconductors product can reasonably be expected to
10.4 Trademarks
Notice: All referenced brands, product names, service names and trademarks are the property of their respective owners. TrenchMOS -- is a trademark of NXP B.V.
11. Contact information
For additional information, please visit: http://www.nxp.com For sales office addresses, send an email to: salesaddresses@nxp.com
BUK7619-100B_1
(c) NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 -- 10 October 2007
11 of 12
NXP Semiconductors
BUK7619-100B
N-channel TrenchMOS standard level FET
12. Contents
1 1.1 1.2 1.3 1.4 2 3 4 5 6 7 8 9 10 10.1 10.2 10.3 10.4 11 12 Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1 General description. . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Quick reference data. . . . . . . . . . . . . . . . . . . . . 1 Pinning information . . . . . . . . . . . . . . . . . . . . . . 1 Ordering information . . . . . . . . . . . . . . . . . . . . . 2 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 2 Thermal characteristics. . . . . . . . . . . . . . . . . . . 4 Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Package outline . . . . . . . . . . . . . . . . . . . . . . . . . 9 Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Revision history . . . . . . . . . . . . . . . . . . . . . . . . 10 Legal information. . . . . . . . . . . . . . . . . . . . . . . 11 Data sheet status . . . . . . . . . . . . . . . . . . . . . . 11 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Contact information. . . . . . . . . . . . . . . . . . . . . 11 Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Please be aware that important notices concerning this document and the product(s) described herein, have been included in section `Legal information'.
(c) NXP B.V. 2007.
All rights reserved.
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com Date of release: 10 October 2007 Document identifier: BUK7619-100B_1


▲Up To Search▲   

 
Price & Availability of BUK7619-100B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X